Part Number Hot Search : 
5KP54APT 5188J C74HC2 M3055 SPC564 SMBJ24 20ETF F9530
Product Description
Full Text Search
 

To Download IL420-X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL420/IL4208
Vishay Semiconductors
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
FEATURES
A1 C2 NC 3 6 MT2 5 NC 4 MT1
* High input sensitivity IFT = 2.0 mA * 600/800 V blocking voltage * 300 mA on-state current * High static dV/dt 10 kV/s * Inverse parallel SCRs provide commutating dV/dt > 10 kV/s
i179035
* Very low leakage < 10 A * Isolation test voltage 5300 VRMS * Small 6-pin DIP package * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
DESCRIPTION
The IL420/IL4208 consists of a GaAs IRLED optically coupled to a photosensitive non-zero crossing TRIAC network. The TRIAC consists of two inverse parallel connected monolithic SCRs. These three semiconductors are assembled in a six pin dual in-line package. High input sensitivity is achieved by using an emitter follower phototransistor and a cascaded SCR predriver resulting in an LED trigger current of less than 2.0 mA (DC). The IL420/IL4208 used two discrete SCRs resulting in a commutating dV/dt of greater than 10 kV/s. The use of a proprietary dV/dt clam results in a static dV/dt of greater than 10 kV/s. This clamp circuit has a MOSFET that is enhanced when high dV/dt spikes occur between MT1 and MT2 of the TRIAC. When conducting, the FET clamps the base of the phototransistors, disabling the first stage SCR predriver. The 600/800 V blocking voltage permits control of offline voltages up to 240 VAC, with a safety factor of more than two, and is sufficient for as much as 380 VAC. The IL420/IL4208 isolates low-voltage logic from 120, 240, and 380 VAC lines to control resistive, inductive, or capacitive loads including motors, solenoids, high current thyristors or TRIAC and relays.
APPLICATIONS
* Solid state relays * Industrial controls * Office equipment * Consumer appliances
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * CSA 93751 * FIMKO and BSI IEC 60950; IEC 60065 only for IL4208 * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1
ORDER INFORMATION
PART IL420 IL4208 IL420-X006 IL420-X007 IL420-X009 IL4208-X007 IL4208-X009 Note For additional information on the available options refer to option information. REMARKS 600 V VDRM, DIP-6 800 V VDRM, DIP-6 600 V VDRM, DIP-6 400 mil (option 6) 600 V VDRM, SMD-6 (option 7) 600 V VDRM, SMD-6 (option 9) 800 V VDRM, SMD-6 (option 7) 800 V VDRM, SMD-6 (option 9)
Document Number: 83629 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 1
IL420/IL4208
Vishay Semiconductors
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
(1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Forward current Surge current Power dissipation Derate from 25 C OUTPUT Peak off-state voltage RMS on-state current Single cycle surge current Power dissipation Derate from 25 C COUPLER Isolation test voltage (2) Pollution degree (DIN VDE 0109) Creepage distance Clearance distance Comparative tracking (3) Isolation resistance Storage temperature range Ambient temperature range Soldering temperature (4)
TEST CONDITION
PART
SYMBOL VR IF IFSM Pdiss
VALUE 6.0 60 2.5 100 1.33 600 800 300 3.0 500 6.6 5300 2 7.0 7.0 175
UNIT V mA A mW mW/C V V mA A mW mW/C VRMS mm mm C C C
IL420 IL4208
VDRM VDRM ITM ITSM Pdiss
t = 1.0 s
VISO
VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C
RIO RIO Tstg Tamb
1012 1011 - 55 to + 150 - 55 to + 100 260
max. 10 s dip soldering 0.5 mm from case bottom
Tsld
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Between emitter and detector, climate per DIN 50014, part 2, Nov. 74. (3) Index per DIN IEC 60112/VDE 0303 part 1, group IIIa per DIN VDE 6110. (4) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering condditions for through hole devices (DIP).
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83629 Rev. 1.6, 18-Jan-08
IL420/IL4208
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Vishay Semiconductors
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Input capacitance Thermal resistance, junction to ambient OUTPUT Off-state voltage Repetitive peak off-state voltage Off-state current On-state voltage On-current Surge (non-repetitive), on-state current Holding current Latching current LED trigger current Trigger current temperature gradient Critical rate of rise off-state voltage VD = 0.67 VDRM, Tj = 25 C VD = 0.67 VDRM, Tj = 80 C VD = 0.67 VDRM, dI/dtcrq 15 A/ms, Tj = 25 C VD = 0.67 VDRM, dI/dtcrq 15 A/ms, Tj = 80 C VT = 2.2 V VAK = 5.0 V ID(RMS) = 70 A IDRM = 100 A VD = VDRM, Tamb = 100 C IT = 300 mA PF = 1.0, VT(RMS) = 1.7 V f = 50 Hz IL420 IL4208 IL420 IL4208 VD(RMS) VD(RMS) VDRM VDRM IBD VTM ITM ITSM IH IL IFT IFT/Tj dV/dtcr dV/dtcr dV/dtcrq dV/dtcrq dI/dtcr Rthja 10000 5000 10000 5000 8.0 150 65 5.0 1.0 7.0 2.0 14 A/C V/s V/s V/s V/s A/s C/W 424 565 600 800 10 1.7 100 3.0 300 3.0 500 460 V V V V A V mA A A mA IF = 10 mA VR = 6.0 V VF = 0 V, f = 1.0 MHz VF IR CIN Rthja 1.16 0.1 40 750 1.35 10 V A pF C/W TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Critical rate of rise of voltage at current commutation Critical rate of rise of on-state Thermal resistance, junction to ambient COUPLER Critical rate of rise of coupled input/output voltage Capacitance (input to output) Isolation resistance
IT = 0 A, VRM = VDM = VD(RMS) f = 1.0 MHz, VIO = 0 V VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C
dV/dt CIO RIO RIO 1012 1011
5000 0.8
V/s pF
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
SWITCHING CHARACTERISTICS
PARAMETER Turn-on time TEST CONDITION VRM = VDM = VD(RMS) PF = 1.0, IT = 300 mA SYMBOL ton toff MIN. TYP. 35 50 MAX. UNIT s s
Document Number: 83629 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
IL420/IL4208
Vishay Semiconductors
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC 68 part 1) Comparative tracking index VIOTM VIORM PSO ISI TSI Creepage distance Clearance distance Creepage distance Clearance distance Insulation thickness standard DIP-8 standard DIP-8 400 mil DIP-8 400 mil DIP-8 for IL4208 only 7 7 8 8 0.4 CTI 175 8000 630 500 250 175 TEST CONDITION SYMBOL MIN. TYP. 55/100/21 399 V V mW mA C mm mm mm mm mm MAX. UNIT
Note As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4 Tamb = - 55 C Tamb = 25 C
LED - LED Power (mW)
150
1.3 VF - Forward Voltage (V) 1.2 1.1 1.0 0.9 0.8 0.7 0.1 1
100
50
Tamb = 85 C
10
100
0 - 60
- 40 T
- 20
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 3 - Maximum LED Power Dissipation
0 A bi
20 tT
40 t
60 (C)
80
100
10000 IF(pk) - Peak LED Current (mA) Duty Factor 1000 0.005 0.01 0.02 0.05 0.1 0.2 0.5
103
5 Tj = 25 C = 100 C
IT (mA)
t DF =/t
102 5
IT = f(VT), parameter: Tj
100
101 5
10 10-6
iil420_02
100
10-5 10-4 10-3 10-2 10-1 t - LED Pulse Duration (s) 100 101
iil420_04
0
1
2 VT (V)
3
4
Fig. 2 - Peak LED Current vs. Duty Factor, www.vishay.com 4
Fig. 4 - Typical Output Characteristics Document Number: 83629 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
IL420/IL4208
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Vishay Semiconductors
400 ITRMS = f(TA), RthJA = 150 K/W Device switch soldered in pcb or base plate.
ID = f(Tj), VD = 600 V, parameter: Tj
300 ITRMS (mA)
200
100
0 0
iil420_05
20
40
60
80
100
iil420_08
Tamb (C)
Fig. 5 - Current Reduction
Fig. 8 - Typical Off-State Current
400 P tot 300 ITRMS (mA)
0.6
W
SIC00007
0.5 0.4
for 40 to 60 Hz line operation, Ptot = f(ITRMS)
I TRMS T = 180 C = 120 C = 90 C = 60 C = 30 C
200
0.3
ITRMS = f(TPIN5), RthJ-PIN5 = 16.5 K/W Thermocouple measurement must be performed potentially separated to A1 and A2. Measuring junction as near as possible at the case.
100
0.2 0.1
0 50
iil420_06
60
70
80
90
100
0
0
100
200
TPIN5 (C)
iil420_09
mA I TRMS
300
Fig. 6 - Current Reduction
Fig. 9 - Power Dissipation
s
tgd = f (IFIFT25 C), VD = 200 V, parameter: Tj
IFTN = f (tpIF)IFTN normalized to IFT, referring to tpIF)I 1.0 ms, VOP = 200 V, f = 40 to 60 Hz typ.
Tj = 25 C 100 C
iil420_07
iil420_10
Fig. 7 - Typical Trigger Delay Time
Fig. 10 - Pulse Trigger Current
Document Number: 83629 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
IL420/IL4208
Vishay Semiconductors
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
PACKAGE DIMENSIONS in inches (millimeters)
3
2
1
Pin one ID
0.248 (6.30) 0.256 (6.50) ISO method A 4 5 6
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (1.22) 0.052 (1.32) 0.130 (3.30) 0.150 (3.81) 4 typ. 0.033 (0.84) typ. 0.018 (0.46) 0.020 (0.51)
i178014
0.300 (7.62) typ.
18 0.130 (3.30) 3 to 9 0.150 (3.81) 0.008 (0.20) 0.012 (0.30) 0.300 to 0.347 0.100 (2.54) typ. (7.62 to 8.81)
0.033 (0.84) typ.
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) min.
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref. 0.180 (4.6) 0.160 (4.1) 0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
18450
0.315 (8.0) min. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) min. 0.406 (10.3) max.
0.012 (0.30 ) typ.
15 max.
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83629 Rev. 1.6, 18-Jan-08
IL420/IL4208
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83629 Rev. 1.6, 18-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IL420-X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X